データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6717ATR データシート(PDF) 54 Page - STMicroelectronics

部品番号 L6717ATR
部品情報  Dynamic phase management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717ATR データシート(HTML) 54 Page - STMicroelectronics

Back Button L6717ATR Datasheet HTML 49Page - STMicroelectronics L6717ATR Datasheet HTML 50Page - STMicroelectronics L6717ATR Datasheet HTML 51Page - STMicroelectronics L6717ATR Datasheet HTML 52Page - STMicroelectronics L6717ATR Datasheet HTML 53Page - STMicroelectronics L6717ATR Datasheet HTML 54Page - STMicroelectronics L6717ATR Datasheet HTML 55Page - STMicroelectronics L6717ATR Datasheet HTML 56Page - STMicroelectronics L6717ATR Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
Layout guidelines
L6717A
54/57
DocID024465 Rev 1
combination of copper pad, copper plane and VIAs under the controller allows the device to
reach its best thermal performance.
13.2
Small signal components and connections
These are small signal components and connections to critical nodes of the application as
well as bypass capacitors for the device supply. Locate the bypass capacitor close to the
device and refer sensible components such as frequency set-up resistor R
OSC
, offset
resistor and OVP resistor R
OVP
to SGND (when applicable). Star grounding is suggested:
use the device exposed PAD as a connection point.
VSEN pin filtered vs. SGND helps in reducing noise injection into device and EN pin filtered
vs. SGND helps in reducing false trip due to coupled noise: take care in routing driving net
for this pin in order to minimize coupled noise.
Remote buffer connection must be routed as parallel nets from the FBG/FBR pins to the
load in order to avoid the pick-up of any common mode noise. Connecting these pins in
points far from the load will cause a non-optimum load regulation, increasing output
tolerance.
Locate current reading components close to the device. The PCB traces connecting the
reading point must use dedicated nets, routed as parallel traces in order to avoid the pick-up
of any common mode noise. It's also important to avoid any offset in the measurement and,
to get a better precision, to connect the traces as close as possible to the sensing elements.
Symmetrical layout is also suggested. Small filtering capacitor can be added, near the
controller, between V
OUT
and SGND, on the CSxN line when reading across inductor to
allow higher layout flexibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57