| データシートサーチシステム |
|
SPC560D30X データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560D30X データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 90 page ![]() Electrical characteristics SPC560D30x, SPC56040Dx 30/90 Doc ID 16315 Rev 7 4.4 Absolute maximum ratings Note: Stresses exceeding the recommended absolute maximum ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification are not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. During overload conditions (VIN >VDD or VIN <VSS), the voltage on pins with respect to ground (VSS) must not exceed the recommended values. Table 11. Absolute maximum ratings Symbol Parameter Conditions Value Unit Min Max VSS SR Digital ground on VSS_HV pins — 0 0 V VDD SR Voltage on VDD_HV pins with respect to ground (VSS) — 0.3 6.0 V VSS_LV SR Voltage on VSS_LV (low voltage digital supply) pins with respect to ground (VSS) —VSS 0.1 VSS +0.1 V VDD_BV SR Voltage on VDD_BV (regulator supply) pin with respect to ground (VSS) — 0.3 6.0 V Relative to VDD VDD 0.3 VDD +0.3 VSS_ADC SR Voltage on VSS_HV_ADC (ADC reference) pin with respect to ground (VSS) —VSS 0.1 VSS +0.1 V VDD_ADC SR Voltage on VDD_HV_ADC (ADC reference) pin with respect to ground (VSS) — 0.3 6.0 V Relative to VDD VDD 0.3 VDD +0.3 VIN SR Voltage on any GPIO pin with respect to ground (VSS) — 0.3 6.0 V Relative to VDD VDD 0.3 VDD +0.3 IINJPAD SR Injected input current on any pin during overload condition — 10 10 mA IINJSUM SR Absolute sum of all injected input currents during overload condition — 50 50 mA IAVGSEG SR Sum of all the static I/O current within a supply segment(1) VDD = 5.0 V ± 10%, PAD3V5V = 0 —70 mA VDD = 3.3 V ± 10%, PAD3V5V = 1 —64 ICORELV SR Low voltage static current sink through VDD_BV — — 150 mA TSTORAGE SR Storage temperature — 55 150 °C 1. Supply segments are described in Section 4.7.5, I/O pad current specification. |