| データシートサーチシステム |
|
SPC560D30X データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560D30X データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 90 page ![]() SPC560D30x, SPC56040Dx Electrical characteristics Doc ID 16315 Rev 7 35/90 Figure 4. Input DC electrical characteristics definition VIL VIN VIH PDIx = ‘1’ VDD VHYS (GPDI register of SIUL) PDIx = ‘0’ Table 15. I/O input DC electrical characteristics Symbol C Parameter Conditions(1) Value Unit Min Typ Max VIH SR P Input high level CMOS (Schmitt Trigger) — 0.65VDD —VDD+0.4 V VIL SR P Input low level CMOS (Schmitt Trigger) — 0.4 — 0.35VDD V VHYS CC C Input hysteresis CMOS (Schmitt Trigger) —0.1VDD —— V ILKG CC D Digital input leakage No injection on adjacent pin TA = 40 °C — 2 200 nA DTA = 25 °C — 2 200 DTA = 85 °C — 5 300 DTA = 105 °C — 12 500 PTA = 125 °C — 70 1000 WFI (2) SR P Digital input filtered pulse — — — 40 ns WNFI (2) SR P Digital input not filtered pulse — 1000 — — ns 1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified 2. In the range from 40 to 1000 ns, pulses can be filtered or not filtered, according to operating temperature and voltage. |