| データシートサーチシステム |
|
SPC560D30X データシート(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560D30X データシート(HTML) 36 Page - STMicroelectronics |
|
36 / 90 page ![]() Electrical characteristics SPC560D30x, SPC56040Dx 36/90 Doc ID 16315 Rev 7 4.7.3 I/O output DC characteristics The following tables provide DC characteristics for bidirectional pads: ● Table 16 provides weak pull figures. Both pull-up and pull-down resistances are supported. ● Table 17 provides output driver characteristics for I/O pads when in SLOW configuration. ● Table 18 provides output driver characteristics for I/O pads when in MEDIUM configuration. Table 16. I/O pull-up/pull-down DC electrical characteristics Symbol C Parameter Conditions(1) Value Unit Min Typ Max |IWPU|CC P Weak pull-up current absolute value VIN = VIL, VDD = 5.0 V ± 10% PAD3V5V = 0 10 — 150 µA C PAD3V5V = 1(2) 10 — 250 PVIN = VIL, VDD = 3.3 V ± 10% PAD3V5V = 1 10 — 150 |IWPD|CC P Weak pull-down current absolute value VIN = VIH, VDD = 5.0 V ± 10% PAD3V5V = 0 10 — 150 µA C PAD3V5V = 1(2) 10 — 250 PVIN = VIH, VDD = 3.3 V ± 10% PAD3V5V = 1 10 — 150 1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified. 2. The configuration PAD3V5 = 1 when VDD = 5 V is only a transient configuration during power-up. All pads but RESET are configured in input or in high impedance state. Table 17. SLOW configuration output buffer electrical characteristics Symbol C Parameter Conditions(1) Value Unit Min Typ Max VOH CC P Output high level SLOW configuration Push Pull IOH = 2mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 (recommended) 0.8VDD —— V C IOH = 2mA, VDD = 5.0 V ± 10%, PAD3V5V = 1 (2) 0.8VDD —— C IOH = 1mA, VDD = 3.3 V ± 10%, PAD3V5V = 1 (recommended) VDD 0.8 — — VOL CC P Output low level SLOW configuration Push Pull IOL = 2 mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 (recommended) — — 0.1VDD V C IOL = 2 mA, VDD = 5.0 V ± 10%, PAD3V5V = 1 (2) — — 0.1VDD C IOL = 1 mA, VDD = 3.3 V ± 10%, PAD3V5V = 1 (recommended) —— 0.5 1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified |