| データシートサーチシステム |
|
SPC560D30X データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560D30X データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 90 page ![]() Electrical characteristics SPC560D30x, SPC56040Dx 32/90 Doc ID 16315 Rev 7 Note: SRAM data retention is guaranteed with VDD_LV not below 1.08 V. VSS_LV (3) SR — Voltage on VSS_LV (low voltage digital supply) pins with respect to ground (VSS) —VSS 0.1 VSS +0.1 V VDD_BV (4) SR — Voltage on VDD_BV pin (regulator supply) with respect to ground (VSS) —4.5 5.5 V Voltage drop(2) 3.0 5.5 Relative to VDD VDD 0.1 VDD +0.1 VSS_ADC SR — Voltage on VSS_HV_ADC (ADC reference) pin with respect to ground (VSS —VSS 0.1 VSS +0.1 V VDD_ADC (5) SR — Voltage on VDD_HV_ADC pin (ADC reference) with respect to ground (VSS) —4.5 5.5 V Voltage drop(2) 3.0 5.5 Relative to VDD VDD 0.1 VDD +0.1 VIN SR — Voltage on any GPIO pin with respect to ground (VSS) —VSS 0.1 — V Relative to VDD —VDD +0.1 IINJPAD SR — Injected input current on any pin during overload condition — 55 mA IINJSUM SR — Absolute sum of all injected input currents during overload condition — 50 50 mA TVDD SR — VDD slope to ensure correct power up (6) —3.0(7) 250 x 103 (0.25 [V/µs]) V/s 1. 100 nF capacitance needs to be provided between each VDD/VSS pair. 2. Full device operation is guaranteed by design when the voltage drops below 4.5 V down to 3.6 V. However, certain analog electrical characteristics will not be guaranteed to stay within the stated limits. 3. 330 nF capacitance needs to be provided between each VDD_LV/VSS_LV supply pair. 4. 470 nF capacitance needs to be provided between VDD_BV and the nearest VSS_LV (higher value may be needed depending on external regulator characteristics). 5. 100 nF capacitance needs to be provided between VDD_ADC/VSS_ADC pair. 6. Guaranteed by device validation 7. Minimum value of TVDD must be guaranteed until VDD reaches 2.6 V (maximum value of VPORH) Table 13. Recommended operating conditions (5.0 V) (continued) Symbol C Parameter Conditions Value Unit Min Max |