| データシートサーチシステム |
|
ST7262XXX データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7262XXX データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 139 page ![]() ST7262xxx 23/139 Doc ID 6996 Rev 5 Figure 19. Reset Block Diagram Note: The output of the external reset circuit must have an open-drain output to drive the ST7 reset pad. Otherwise the device can be damaged when the ST7 generates an internal reset (LVD or watchdog). RESET RON VDD WATCHDOG RESET LVD RESET INTERNAL RESET PULSE GENERATOR 200ns Filter tw(RSTL)out + 128 fOSC delay Obsolete Product(s) - Obsolete Product(s) |