| データシートサーチシステム |
|
ST7262XXX データシート(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7262XXX データシート(HTML) 37 Page - STMicroelectronics |
|
37 / 139 page ![]() ST7262xxx 37/139 Doc ID 6996 Rev 5 I/O PORTS (Cont’d) 9.2.8 Port D Table 12. Port D Description Figure 29. Port D Configuration PORT D I/O Alternate Function Input* Output Signal Condition PD0 with pull-up push-pull PD1 with pull-up push-pull PD2 with pull-up push-pull PD3 with pull-up push-pull PD4 with pull-up push-pull PD5 with pull-up push-pull PD6 with pull-up push-pull *Reset State DR DDR LATCH LATCH DR SEL DDR SEL VDD PAD ALTERNATE ENABLE ALTERNATE ENABLE ALTERNATE ENABLE ALTERNATE ALTERNATE INPUT PULL-UP OUTPUT P-BUFFER N-BUFFER 1 0 1 0 CMOS SCHMITT TRIGGER VSS VDD DIODES Obsolete Product(s) - Obsolete Product(s) |