データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72361AR4-Auto データシート(PDF) 92 Page - STMicroelectronics

部品番号 ST72361AR4-Auto
部品情報  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR4-Auto データシート(HTML) 92 Page - STMicroelectronics

Back Button ST72361AR4-Auto Datasheet HTML 88Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 89Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 90Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 91Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 92Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 93Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 94Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 95Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 279 page
background image
PWM auto-reload timer (ART)
ST72361xx-Auto
92/279
Doc ID 12468 Rev 3
11.2
Functional description
11.2.1
Counter
The free running 8-bit counter is fed by the output of the prescaler, and is incremented on
every rising edge of the clock signal.
It is possible to read or write the contents of the counter on the fly by reading or writing the
Counter Access register (ARTCAR).
When a counter overflow occurs, the counter is automatically reloaded with the contents of
the ARTARR register (the prescaler is not affected).
11.2.2
Counter clock and prescaler
The counter clock frequency is given by:
fCOUNTER = fINPUT / 2
CC[2:0]
The timer counter’s input clock (fINPUT) feeds the 7-bit programmable prescaler, which
selects one of the eight available taps of the prescaler, as defined by CC[2:0] bits in the
Control/Status Register (ARTCSR). Thus the division factor of the prescaler can be set to 2n
(where n = 0, 1...7).
This fINPUT frequency source is selected through the EXCL bit of the ARTCSR register and
can be either the fCPU or an external input frequency fEXT.
The clock input to the counter is enabled by the TCE (Timer Counter Enable) bit in the
ARTCSR register. When TCE is reset, the counter is stopped and the prescaler and counter
contents are frozen. When TCE is set, the counter runs at the rate of the selected clock
source.
11.2.3
Counter and prescaler Initialization
After RESET, the counter and the prescaler are cleared and fINPUT = fCPU.
The counter can be initialized by:
●
Writing to the ARTARR register and then setting the FCRL (Force Counter Re-Load)
and the TCE (Timer Counter Enable) bits in the ARTCSR register.
●
Writing to the ARTCAR counter access register,
In both cases the 7-bit prescaler is also cleared, whereupon counting will start from a known
value.
Direct access to the prescaler is not possible.
11.2.4
Output compare control
The timer compare function is based on four different comparisons with the counter (one for
each PWMx output). Each comparison is made between the counter value and an output
compare register (OCRx) value. This OCRx register can not be accessed directly, it is
loaded from the duty cycle register (PWMDCRx) at each overflow of the counter.
This double buffering method avoids glitch generation when changing the duty cycle on the
fly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More