データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72361AR4-Auto データシート(PDF) 50 Page - STMicroelectronics

部品番号 ST72361AR4-Auto
部品情報  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR4-Auto データシート(HTML) 50 Page - STMicroelectronics

Back Button ST72361AR4-Auto Datasheet HTML 46Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 47Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 48Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 49Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 50Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 51Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 52Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 53Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 279 page
background image
Interrupts
ST72361xx-Auto
50/279
Doc ID 12468 Rev 3
When an interrupt request is not serviced immediately, it is latched and then processed
when its software priority combined with the hardware priority becomes the highest one.
Note:
1
The hardware priority is exclusive while the software one is not. This allows the previous
process to succeed with only one interrupt.
2
RESET, TRAP and TLI can be considered as having the highest software priority in the
decision process.
Different interrupt vector sources
Two interrupt source types are managed by the ST7 interrupt controller: the non-maskable
type (RESET, TRAP) and the maskable type (external or from internal peripherals).
Non-maskable sources
These sources are processed regardless of the state of the I1 and I0 bits of the CC register
(see Figure 17). After stacking the PC, X, A and CC registers (except for RESET), the
corresponding vector is loaded in the PC register and the I1 and I0 bits of the CC are set to
disable interrupts (level 3). These sources allow the processor to exit HALT mode.
●
TRAP (Non Maskable Software Interrupt)
Caution:
This software interrupt is serviced when the TRAP instruction is executed. It will be serviced
according to the flowchart in Figure 17 as a TLI.
TRAP can be interrupted by a TLI.
●
RESET
The RESET source has the highest priority in the ST7. This means that the first current
routine has the highest software priority (level 3) and the highest hardware priority.
See the RESET chapter for more details.
Maskable sources
Maskable interrupt vector sources can be serviced if the corresponding interrupt is enabled
and if its own interrupt software priority (in ISPRx registers) is higher than the one currently
being serviced (I1 and I0 in CC register). If any of these two conditions is false, the interrupt
is latched and thus remains pending.
●
TLI (Top Level Hardware Interrupt)
Caution:
This hardware interrupt occurs when a specific edge is detected on the dedicated TLI pin.
A TRAP instruction must not be used in a TLI service routine.
●
External Interrupts
External interrupts allow the processor to exit from HALT low power mode.
External interrupt sensitivity is software selectable through the External Interrupt Control
register (EICR).
External interrupt triggered on edge will be latched and the interrupt request automatically
cleared upon entering the interrupt service routine.
If several input pins of a group connected to the same interrupt line are selected
simultaneously, these will be logically ORed.
●
Peripheral Interrupts
Usually the peripheral interrupts cause the MCU to exit from HALT mode except those
mentioned in the “Interrupt Mapping” table.
A peripheral interrupt occurs when a specific flag is set in the peripheral status registers and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More