| データシートサーチシステム |
|
ST72361AR4-Auto データシート(PDF) 99 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361AR4-Auto データシート(HTML) 99 Page - STMicroelectronics |
|
99 / 279 page ![]() ST72361xx-Auto PWM auto-reload timer (ART) Doc ID 12468 Rev 3 99/279 PWM control register (PWMCR) Read/write Reset value: 0000 0000 (00h) Bit 7:4 = OE[3:0] PWM Output Enable These bits are set and cleared by software. They enable or disable the PWM output channels independently acting on the corresponding I/O pin. 0: PWM output disabled. 1: PWM output enabled. Bit 3:0 = OP[3:0] PWM Output Polarity These bits are set and cleared by software. They independently select the polarity of the four PWM output signals. Note: When an OPx bit is modified, the PWMx output signal polarity is immediately reversed. Duty cycle registers (PWMDCRx) Read/write Reset value: 0000 0000 (00h) Bit 7:0 = DC[7:0] Duty Cycle Data These bits are set and cleared by software. A PWMDCRx register is associated with the OCRx register of each PWM channel to determine the second edge location of the PWM signal (the first edge location is common to all channels and given by the ARTARR register). These PWMDCR registers allow the duty cycle to be set independently for each PWM channel. Input Capture control / status register (ARTICCSR) Read/Write Reset value: 0000 0000 (00h) 7 0 OE3 OE2 OE1 OE0 OP3 OP2 OP1 OP0 Table 45. PWMx output level and polarity PWMx output level OPx Counter <= OCRx Counter > OCRx 10 0 01 1 7 0 DC7 DC6 DC5 DC4 DC3 DC2 DC1 DC0 |