データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72361AR4-Auto データシート(PDF) 34 Page - STMicroelectronics

部品番号 ST72361AR4-Auto
部品情報  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR4-Auto データシート(HTML) 34 Page - STMicroelectronics

Back Button ST72361AR4-Auto Datasheet HTML 30Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 31Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 32Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 33Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 34Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 35Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 36Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 37Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 279 page
background image
Central processing unit
ST72361xx-Auto
34/279
Doc ID 12468 Rev 3
4
Central processing unit
4.1
Introduction
This CPU has a full 8-bit architecture and contains six internal registers allowing efficient
8-bit data manipulation.
4.2
Main features
●
Enable executing 63 basic instructions
●
Fast 8-bit by 8-bit multiply
●
17 main addressing modes (with indirect addressing mode)
●
Two 8-bit index registers
●
16-bit stack pointer
●
Low power HALT and WAIT modes
●
Priority maskable hardware interrupts
●
Non-maskable software/hardware interrupts
4.3
CPU registers
The six CPU registers shown in Figure 8 are not present in the memory mapping and are
accessed by specific instructions.
4.3.1
Accumulator (A)
The Accumulator is an 8-bit general purpose register used to hold operands and the results
of the arithmetic and logic calculations and to manipulate data.
4.3.2
Index registers (X and Y)
These 8-bit registers are used to create effective addresses or as temporary storage areas
for data manipulation. (The Cross-Assembler generates a precede instruction (PRE) to
indicate that the following instruction refers to the Y register.)
The Y register is not affected by the interrupt automatic procedures.
4.3.3
Program counter (PC)
The program counter is a 16-bit register containing the address of the next instruction to be
executed by the CPU. It is made of two 8-bit registers PCL (Program Counter Low which is
the LSB) and PCH (Program Counter High which is the MSB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More