| データシートサーチシステム |
|
STM32F398VE データシート(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F398VE データシート(HTML) 34 Page - STMicroelectronics |
|
34 / 151 page ![]() Pinouts and pin description STM32F398VE 34/151 DocID027227 Rev 2 7PC13(2) I/O TC - EVENTOUT, TIM1_CH1N WKUP2,RTC_TAMP1, RTC_TS, RTC_OUT 8 PC14 - OSC32_IN (2) I/O TC - EVENTOUT OSC32_IN 9 PC15 - OSC32_OUT (2) I/O TC - EVENTOUT OSC32_OUT 19 PF2 I/O TTa (1) EVENTOUT, TIM20_CH3, FMC_A2 ADC12_IN10 73 PF6 I/O FTf (1) EVENTOUT, TIM4_CH4, I2C2_SCL, USART3_RTS, FMC_NIORD - 10 PF9 I/O FT (1) EVENTOUT, TIM20_BKIN, TIM15_CH1, SPI2_SCK, FMC_CD - 11 PF10 I/O FT (1) EVENTOUT, TIM20_BKIN2, TIM15_CH2, SPI2_SCK, FMC_INTR - 12 PF0-OSC_IN I FTf - EVENTOUT, I2C2_SDA, SPI2_NSS/I2S2_WS, TIM1_CH3N OSC_IN 13 PF1- OSC_OUT OFTf - EVENTOUT, I2C2_SCL, SPI2_SCK/I2S2_CK OSC_OUT 14 NRST I-O RST - Device reset input/internal reset output (active low) 15 PC0 I/O TTa - EVENTOUT, TIM1_CH1 ADC12_IN6, COMP7_INM 16 PC1 I/O TTa - EVENTOUT, TIM1_CH2 ADC12_IN7, COMP7_INP 17 PC2 I/O TTa - EVENTOUT, TIM1_CH3, COMP7_OUT ADC12_IN8 18 PC3 I/O TTa - EVENTOUT, TIM1_CH4, TIM1_BKIN2 ADC12_IN9 20 VSSA S - (1) -- 21 VREF+ S - - - - 22 VDDA S - - - - 23 PA0 I/O TTa - TIM2_CH1/TIM2_ETR, TSC_G1_IO1, USART2_CTS, COMP1_OUT, TIM8_BKIN, TIM8_ETR, EVENTOUT ADC1_IN1, COMP1_INM, RTC_TAMP2, WKUP1 24 PA1 I/O TTa - RTC_REFIN, TIM2_CH2, TSC_G1_IO2, USART2_RTS, TIM15_CH1N, EVENTOUT ADC1_IN2, COMP1_INP, OPAMP1_VINP, OPAMP3_VINP Table 12. STM32F398VE pin definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions LQFP100 |