| データシートサーチシステム |
|
STM32F398VE データシート(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F398VE データシート(HTML) 45 Page - STMicroelectronics |
|
45 / 151 page ![]() PC10 - EVENT OUT -- TIM8_ CH1N UART4_ TX SPI3_SCK /I2S3_CK USART3_ TX -- - - - - - - PC11 - EVENT OUT -- TIM8_ CH2N UART4_ RX SPI3_MIS O/I2S3ext _SD USART3_ RX -- - - - - - - PC12 - EVENT OUT -- TIM8_ CH3N UART5_ TX SPI3_MO SI/I2S3_ SD USART3_ CK -- - - - - - - PC13 - EVENT OUT -- TIM1_ CH1N -- -- - - - - - - - PC14 - EVENT OUT - - - -- -- - - - - - - - PC15 - EVENT OUT - - - -- -- - - - - - - - PD0 - EVENT OUT - - - - - CAN_RX - - - - FMC_D2 - - - PD1 - EVENT OUT -- TIM8_ CH4 TIM8_ BKIN2 CAN_TX - - - - FMC_D3 - - - PD2 - EVENT OUT TIM3_ ETR - TIM8_ BKIN UART5_ RX -- -- - - - - - - PD3 - EVENT OUT TIM2_CH 1/TIM2_ ETR -- - - USART2_ CTS -- - - FMC_ CLK -- - PD4 - EVENT OUT TIM2_ CH2 -- - - USART2_ RTS -- - - FMC_ NOE -- - Table 13. STM32F398VE alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS_AF TIM2/15/ 16/17/E VENT I2C3/TIM1 /2/3/4/8/20 /15/GPCO MP1 I2C3/TIM 8/20/15/G PCOMP7 /TSC I2C1/2/TI M1/8/16/1 7 SPI1/SPI2 /I2S2/SPI3 /I2S3/SPI4 /UART4/5/ TIM8/Infra red SPI2/I2S2/ SPI3/I2S3/ TIM1/8/20/ Infrared USART1/ 2/3/CAN/ GPCOMP 3/5/6 I2C3/GPC OMP1/2/3/ 4/5/6 CAN/TIM1 /8/15 TIM2/3/ 4/8/17 TIM1/8 SDIO/FS MC/TIM1 - - EVENT |