| データシートサーチシステム |
|
STM32F358VCT7 データシート(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F358VCT7 データシート(HTML) 96 Page - STMicroelectronics |
|
96 / 134 page ![]() Electrical characteristics STM32F358xC 96/134 DocID025540 Rev 4 Figure 26. I2S slave timing diagram (Philips protocol)(1) 1. Measurement points are done at 0.5VDD and with external CL=30 pF. 2. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first byte. tsu(SD_MR) Data input setup time Master receiver 9 - ns tsu(SD_SR) Data input setup time Slave receiver 2 - th(SD_MR) Data input hold time Master receiver 0 - th(SD_SR) Slave receiver 0 - tv(SD_ST) Data output valid time Slave transmitter (after enable edge) -29 th(SD_ST) Data output hold time Slave transmitter (after enable edge) 12 - tv(SD_MT) Data output valid time Master transmitter (after enable edge) -3 th(SD_MT) Data output hold time Master transmitter (after enable edge) 2- 1. Data based on characterization results, not tested in production. Table 63. I2S characteristics(1) (continued) Symbol Parameter Conditions Min Max Unit |