| データシートサーチシステム |
|
STM32F358VCT7 データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F358VCT7 データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 134 page ![]() DocID025540 Rev 4 15/134 STM32F358xC Functional overview 51 3.8 Interconnect matrix Several peripherals have direct connections between them. This allows autonomous communication between peripherals, saving CPU resources thus power supply consumption. In addition, these hardware connections allow fast and predictable latency. Note: For more details about the interconnect actions, please refer to the corresponding sections in the reference manual RM0316. Table 4. STM32F358xC peripheral interconnect matrix Interconnect source Interconnect destination Interconnect action TIMx TIMx Timers synchronization or chaining ADCx DAC1 Conversion triggers DMA Memory to memory transfer trigger Compx Comparator output blanking COMPx TIMx Timer input: OCREF_CLR input, input capture ADCx TIMx Timer triggered by analog watchdog GPIO RTCCLK HSE/32 MC0 TIM16 Clock source used as input channel for HSI and LSI calibration CSS CPU (hard fault) COMPx PVD GPIO TIM1, TIM8, TIM15, 16, 17 Timer break GPIO TIMx External trigger, timer break ADCx DAC1 Conversion external trigger DAC1 COMPx Comparator inverting input |