データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F358VCT7 データシート(PDF) 41 Page - STMicroelectronics

部品番号 STM32F358VCT7
部品情報  Operating conditions
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F358VCT7 データシート(HTML) 41 Page - STMicroelectronics

Back Button STM32F358VCT7 Datasheet HTML 37Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 38Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 39Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 40Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 41Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 42Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 43Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 44Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 134 page
background image
Table 14. Alternate functions for port A
Port
&
Pin
Name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF14
AF15
PA0
-
TIM2_
CH1_
ETR
-
TSC_
G1_IO1
--
-
USART2_
CTS
COMP1
_OUT
TIM8_
BKIN
TIM8_
ETR
--
-
EVENT
OUT
PA1
RTC_
REFIN
TIM2_
CH2
-
TSC_
G1_IO2
--
-
USART2_
RTS_DE
-
TIM15_
CH1N
--
-
-
EVENT
OUT
PA2
-
TIM2_
CH3
-
TSC_
G1_IO3
--
-
USART2_
TX
COMP2
_OUT
TIM15_
CH1
--
-
-
EVENT
OUT
PA3
-
TIM2_
CH4
-
TSC_
G1_IO4
--
-
USART2_
RX
-
TIM15_
CH2
--
-
-
EVENT
OUT
PA4
-
TIM3_
CH2
TSC_
G2_IO1
-
SPI1_
NSS
SPI3_NSS,
I2S3_WS
USART2_
CK
--
-
-
-
-
EVENT
OUT
PA5
-
TIM2_
CH1_
ETR
-
TSC_
G2_IO2
-
SPI1_
SCK
--
-
-
-
-
-
-
EVENT
OUT
PA6
-
TIM16_
CH1
TIM3_
CH1
TSC_
G2_IO3
TIM8_
BKIN
SPI1_
MISO
TIM1_BKIN
-
COMP1
_OUT
--
-
-
-
EVENT
OUT
PA7
-
TIM17_
CH1
TIM3_
CH2
TSC_
G2_IO4
TIM8_
CH1N
SPI1_
MOSI
TIM1_CH1N
-
COMP2
_OUT
--
-
-
-
EVENT
OUT
PA8
MCO
-
-
-
I2C2_
SMBA
I2S2_
MCK
TIM1_CH1
USART1_
CK
COMP3
_OUT
-
TIM4_
ETR
--
-
EVENT
OUT
PA9
-
-
-
TSC_
G4_IO1
I2C2_
SCL
I2S3_
MCK
TIM1_CH2
USART1_
TX
COMP5
_OUT
TIM15_
BKIN
TIM2_
CH3
--
-
EVENT
OUT
PA10
-
TIM17_
BKIN
-
TSC_
G4_IO2
I2C2_
SDA
-
TIM1_CH3
USART1_
RX
COMP6
_OUT
-
TIM2_
CH4
TIM8_
BKIN
--
EVENT
OUT
PA11
-
-
-
-
-
-
TIM1_CH1N
USART1_
CTS
COMP1
_OUT
CAN_RX
TIM4_
CH1
TIM1_CH4
TIM1_
BKIN2
-
EVENT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More