| データシートサーチシステム |
|
STM32F358VCT7 データシート(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F358VCT7 データシート(HTML) 34 Page - STMicroelectronics |
|
34 / 134 page ![]() Pinouts and pin description STM32F358xC 34/134 DocID025540 Rev 4 Table 13. STM32F358xC pin definitions Pin number Pin name (function after reset) Pin functions Alternate functions Additional functions 1 - - PE2 I/O FT (1) TRACECK, TIM3_CH1, TSC_G7_IO1, EVENTOUT - 2 - - PE3 I/O FT (1) TRACED0, TIM3_CH2, TSC_G7_IO2, EVENTOUT - 3 - - PE4 I/O FT (1) TRACED1, TIM3_CH3, TSC_G7_IO3, EVENTOUT - 4 - - PE5 I/O FT (1) TRACED2, TIM3_CH4, TSC_G7_IO4, EVENTOUT - 5 - - PE6 I/O FT (1) TRACED3, EVENTOUT WKUP3, RTC_TAMP3 611 VBAT S - - Backup power supply 722 PC13(2) I/O TC - TIM1_CH1N WKUP2, RTC_TAMP1, RTC_TS, RTC_OUT 833 PC14(2) OSC32_IN (PC14) I/O TC - - OSC32_IN 944 PC15(2) OSC32_ OUT (PC15) I/O TC - - OSC32_OUT 10 - - PF9 I/O FT (1) TIM15_CH1, SPI2_SCK, EVENTOUT - 11 - - PF10 I/O FT (1) TIM15_CH2, SPI2_SCK, EVENTOUT - 12 5 5 PF0- OSC_IN (PF0) I/O FTf - TIM1_CH3N, I2C2_SDA, OSC_IN 13 6 6 PF1- OSC_OUT (PF1) I/O FTf - I2C2_SCL OSC_OUT 14 7 7 NRST I/O RST - Device reset input / internal reset output (active low) 15 8 - PC0 I/O TTa (1) EVENTOUT ADC12_IN6, COMP7_INM 16 9 - PC1 I/O TTa (1) EVENTOUT ADC12_IN7, COMP7_INP 17 10 - PC2 I/O TTa (1) COMP7_OUT, EVENTOUT ADC12_IN8 18 11 - PC3 I/O TTa (1) TIM1_BKIN2, EVENTOUT ADC12_IN9 19 - - PF2 I/O TTa (1) EVENTOUT ADC12_IN10 20 12 8 VSSA/ VREF- S - - Analog ground/Negative reference voltage |