データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F410RB データシート(PDF) 76 Page - STMicroelectronics

部品番号 STM32F410RB
部品情報  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410RB データシート(HTML) 76 Page - STMicroelectronics

Back Button STM32F410RB Datasheet HTML 72Page - STMicroelectronics STM32F410RB Datasheet HTML 73Page - STMicroelectronics STM32F410RB Datasheet HTML 74Page - STMicroelectronics STM32F410RB Datasheet HTML 75Page - STMicroelectronics STM32F410RB Datasheet HTML 76Page - STMicroelectronics STM32F410RB Datasheet HTML 77Page - STMicroelectronics STM32F410RB Datasheet HTML 78Page - STMicroelectronics STM32F410RB Datasheet HTML 79Page - STMicroelectronics STM32F410RB Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 142 page
background image
Electrical characteristics
STM32F410x8/B
76/142
DocID028094 Rev 5
APB2
(up to 100 MHz)
APB2 to AHB
0,22
0,19
0,17
µA/MHz
TIM1
6,62
6,36
5,66
USART1
3,19
3,10
2,77
USART6
3,10
2,99
2,66
ADC1
3,35
3,25
2,88
SPI1/I2S1
1,82
1,77
1,58
SYSCFG
0,83
0,81
0,72
EXTI
0,92
0,88
0,80
TIM9
2,90
2,81
2,48
TIM11
2,13
2,06
1,81
SPI5/I2S5
1,88
1,83
1,59
Bus matrix
1.91
1.82
1.64
1. Valid if all the DMA streams are activated (please refer to the reference manual RM0401).
Table 36. Peripheral current consumption (continued)
Peripheral
IDD (Typ)
Unit
Voltage
scale1
Voltage
scale2
Voltage
scale3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More