| データシートサーチシステム |
|
STM32F410RB データシート(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F410RB データシート(HTML) 50 Page - STMicroelectronics |
|
50 / 142 page ![]() Electrical characteristics STM32F410x8/B 50/142 DocID028094 Rev 5 6.1.6 Power supply scheme Figure 13. Power supply scheme 1. To connect PDR_ON pin, refer to Section 3.15: Power supply supervisor. Caution: Each power supply pair (for example VDD/VSS, VDDA/VSSA) must be decoupled with filtering ceramic capacitors as shown above. These capacitors must be placed as close as possible to, or below, the appropriate pins on the underside of the PCB to ensure good operation of the device. It is not recommended to remove filtering capacitors to reduce PCB size or cost. This might cause incorrect operation of the device. |