| データシートサーチシステム |
|
STM32F410RB データシート(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F410RB データシート(HTML) 45 Page - STMicroelectronics |
|
45 / 142 page ![]() DocID028094 Rev 5 45/142 STM32F410x8/B Memory mapping 47 Table 11. STM32F410x8/B register boundary addresses(1) Bus Boundary address Peripheral - 0xE010 0000 - 0xFFFF FFFF Reserved Cortex®-M4 0xE000 0000 - 0xE00F FFFF Cortex-M4 internal peripherals - 0x5000 0000 - 0xDFFF FFFF Reserved AHB1 0x4008 0400 - 0x4FFF FFFF Reserved 0x4008 0000 - 0x4008 03FF RNG 0x4002 6800 - 0x4007 FFFF Reserved 0x4002 6400 - 0x4002 67FF DMA2 0x4002 6000 - 0x4002 63FF DMA1 0x4002 5000 - 0x4002 4FFF Reserved 0x4002 3C00 - 0x4002 3FFF Flash interface register 0x4002 3800 - 0x4002 3BFF RCC 0x4002 3400 - 0x4002 37FF Reserved 0x4002 3000 - 0x4002 33FF CRC 0x4002 2800 - 0x4002 2FFF Reserved 0x4002 2400 - 0x4002 27FF LPTIM1 0x4002 2000 - 0x4002 23FF Reserved 0x4002 1C00 - 0x4002 1FFF GPIOH 0x4002 0C00 - 0x4002 1BFF Reserved 0x4002 0800 - 0x4002 0BFF GPIOC 0x4002 0400 - 0x4002 07FF GPIOB 0x4002 0000 - 0x4002 03FF GPIOA |