| データシートサーチシステム |
|
STM32F410RB データシート(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F410RB データシート(HTML) 77 Page - STMicroelectronics |
|
77 / 142 page ![]() DocID028094 Rev 5 77/142 STM32F410x8/B Electrical characteristics 118 6.3.7 Wakeup time from low-power modes The wakeup times given in Table 37 are measured starting from the wakeup event trigger up to the first instruction executed by the CPU: • For Stop or Sleep modes: the wakeup event is WFE. • WKUP (PA0) pin is used to wakeup from Standby, Stop and Sleep modes. Figure 18. Low-power mode wakeup All timings are derived from tests performed under ambient temperature and VDD=3.3 V. |