| データシートサーチシステム |
|
STM32L432KB データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L432KB データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 149 page ![]() DocID028798 Rev 2 21/149 STM32L432KB STM3L432KC Functional overview 45 Table 3. Functionalities depending on the working mode(1) Peripheral Run Sleep Low- power run Low- power sleep Stop 0/1 Stop 2 Standby Shutdown - - - - CPU Y - Y - - -- -- -- - Flash memory (up to 256 KB) O(2) O(2) O(2) O(2) - -- -- -- - SRAM1 (48 KB) Y Y(3) YY(3) Y -Y -- -- - SRAM2 (16 KB) Y Y(3) YY(3) Y -Y -O(4) -- - Quad SPI OO OO - -- -- -- - Backup Registers Y Y Y Y Y -Y -Y -Y - Brown-out reset (BOR) YY YY Y YY YY Y- - Programmable Voltage Detector (PVD) OO OO O OO O- -- - Peripheral Voltage Monitor (PVMx; x=1,3,4) OO OO O OO O- -- - DMA O O O O - -- -- -- - High Speed Internal (HSI16) OO OO (5) - (5) -- -- - Oscillator RC48 O O - - - -- -- -- - High Speed External (HSE) OO OO - -- -- -- - Low Speed Internal (LSI) OO OO O -O -O -- - Low Speed External (LSE) OO OO O -O -O -O - Multi-Speed Internal (MSI) OO OO - -- -- -- - Clock Security System (CSS) OO OO - -- -- -- - Clock Security System on LSE OO OO O OO OO O- - RTC / Auto wakeup O O O O O OO OO OO O Number of RTC Tamper pins 11 11 1 O1 O1 O1 O USB FS O(8) O(8) -- - O- -- -- - |