| データシートサーチシステム |
|
STM32L432KB データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L432KB データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 149 page ![]() Functional overview STM32L432KB STM3L432KC 24/149 DocID028798 Rev 2 COMPx TIM1 TIM2 Timer input channel, trigger, break from analog signals comparison YY YY - - LPTIMERx Low-power timer triggered by analog signals comparison YY YY Y Y (1) ADCx TIM1 Timer triggered by analog watchdog Y Y Y Y - - RTC TIM16 Timer input channel from RTC events Y Y Y Y - - LPTIMERx Low-power timer triggered by RTC alarms or tampers YY YY Y Y (1) All clocks sources (internal and external) TIM2 TIM15, 16 Clock source used as input channel for RC measurement and trimming YY YY - - USB TIM2 Timer triggered by USB SOF Y Y - - - - CSS CPU (hard fault) RAM (parity error) Flash memory (ECC error) COMPx PVD TIM1 TIM15,16 Timer break Y Y Y Y - - GPIO TIMx External trigger Y Y Y Y - - LPTIMERx External trigger Y Y Y Y Y Y (1) ADCx DACx Conversion external trigger Y Y Y Y - - 1. LPTIM1 only. Table 4. STM32L432xx peripherals interconnect matrix (continued) Interconnect source Interconnect destination Interconnect action |