| データシートサーチシステム |
|
R5F104LEA データシート(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104LEA データシート(HTML) 34 Page - Renesas Technology Corp |
|
34 / 213 page ![]() RL78/G14 1. OUTLINE R01DS0053EJ0330 Rev. 3.30 Page 34 of 208 Aug 12, 2016 1.6 Outline of Functions [30-pin, 32-pin, 36-pin, 40-pin products (code flash memory 16 KB to 64 KB)] Caution This outline describes the functions at the time when Peripheral I/O redirection register 0, 1 (PIOR0, 1) are set to 00H. (1/2) (Note is listed on the next page.) Item 30-pin 32-pin 36-pin 40-pin R5F104Ax (x = A, C to E) R5F104Bx (x = A, C to E) R5F104Cx (x = A, C to E) R5F104Ex (x = A, C to E) Code flash memory (KB) 16 to 64 16 to 64 16 to 64 16 to 64 Data flash memory (KB) 4444 RAM (KB) 2.5 to 5.5 Note 2.5 to 5.5 Note 2.5 to 5.5 Note 2.5 to 5.5 Note Address space 1 MB Main system clock High-speed system clock X1 (crystal/ceramic) oscillation, external main system clock input (EXCLK) HS (high-speed main) mode: 1 to 20 MHz (VDD = 2.7 to 5.5 V), HS (high-speed main) mode: 1 to 16 MHz (VDD = 2.4 to 5.5 V), LS (low-speed main) mode: 1 to 8 MHz (VDD = 1.8 to 5.5 V), LV (low-voltage main) mode: 1 to 4 MHz (VDD = 1.6 to 5.5 V) High-speed on-chip oscillator clock (fIH) HS (high-speed main) mode: 1 to 32 MHz (VDD = 2.7 to 5.5 V), HS (high-speed main) mode: 1 to 16 MHz (VDD = 2.4 to 5.5 V), LS (low-speed main) mode: 1 to 8 MHz (VDD = 1.8 to 5.5 V), LV (low-voltage main) mode: 1 to 4 MHz (VDD = 1.6 to 5.5 V) Subsystem clock — XT1 (crystal) oscillation, external subsystem clock input (EXCLKS) 32.768 kHz Low-speed on-chip oscillator clock 15 kHz (TYP.): VDD = 1.6 to 5.5 V General-purpose register 8 bits × 32 registers (8 bits × 8 registers × 4 banks) Minimum instruction execution time 0.03125 μs (High-speed on-chip oscillator clock: fIH = 32 MHz operation) 0.05 μs (High-speed system clock: fMX = 20 MHz operation) — 30.5 μs (Subsystem clock: fSUB = 32.768 kHz operation) Instruction set • Data transfer (8/16 bits) • Adder and subtractor/logical operation (8/16 bits) • Multiplication (8 bits × 8 bits, 16 bits × 16 bits), Division (16 bits ÷ 16 bits, 32 bits ÷ 32 bits) • Multiplication and Accumulation (16 bits × 16 bits + 32 bits) • Rotate, barrel shift, and bit manipulation (Set, reset, test, and Boolean operation), etc. I/O port Total 26 28 32 36 CMOS I/O 21 22 26 28 CMOS input 3335 CMOS output ———— N-ch open-drain I/O (6 V tolerance) 2333 Timer 16-bit timer 8 channels (TAU: 4 channels, Timer RJ: 1 channel, Timer RD: 2 channels, Timer RG: 1 channel) Watchdog timer 1 channel Real-time clock (RTC) 1 channel 12-bit interval timer 1 channel Timer output Timer outputs: 13 channels PWM outputs: 9 channels RTC output — 1 •1 Hz (subsystem clock: fSUB = 32.768 kHz) |