| データシートサーチシステム |
|
R5F104LEA データシート(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104LEA データシート(HTML) 14 Page - Renesas Technology Corp |
|
14 / 213 page ![]() RL78/G14 1. OUTLINE R01DS0053EJ0330 Rev. 3.30 Page 14 of 208 Aug 12, 2016 1.3.5 44-pin products • 44-pin plastic LQFP (10 × 10 mm, 0.8 mm pitch) Note Mounted on the 96 KB or more code flash memory products. Caution Connect the REGC pin to VSS pin via a capacitor (0.47 to 1 μF). Remark 1. For pin identification, see 1.4 Pin Identification. Remark 2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1 (PIOR0, 1). 34 35 36 37 38 39 40 41 42 43 44 22 21 20 19 18 17 16 15 14 13 12 P27/ANI7 P26/ANI6 P25/ANI5 P24/ANI4 P23/ANI3/ANO1 Note P22/ANI2/ANO0 Note P21/ANI1/AVREFM P20/ANI0/AVREFP P01/TO00/RxD1/TRGCLKB/TRJIO0 P00/TI00/TxD1/TRGCLKA/(TRJO0) P120/ANI19/VCOUT0 Note P50/INTP1/SI00/RxD0/TOOLRxD/SDA00/TRGIOA/(TRJO0) P30/INTP3/RTC1HZ/SCK00/SCL00/TRJO0 P70/KR0/SCK21/SCL21 P71/KR1/SI21/SDA21 P72/KR2/SO21 P73/KR3 P31/TI03/TO03/INTP4/PCLBUZ0/(TRJIO0) P63 P62/SSI00 P61/SDAA0 P60/SCLA0 33 3231 30 29 28 27 26 25 24 1 2 3 4 5 6 789 1011 23 RL78/G14 (Top View) |