| データシートサーチシステム |
|
R5F104LEA データシート(PDF) 36 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104LEA データシート(HTML) 36 Page - Renesas Technology Corp |
|
36 / 213 page ![]() RL78/G14 1. OUTLINE R01DS0053EJ0330 Rev. 3.30 Page 36 of 208 Aug 12, 2016 (2/2) Note The illegal instruction is generated when instruction code FFH is executed. Reset by the illegal instruction execution not is issued by emulation with the in-circuit emulator or on-chip debug emulator. Item 30-pin 32-pin 36-pin 40-pin R5F104Ax (x = A, C to E) R5F104Bx (x = A, C to E) R5F104Cx (x = A, C to E) R5F104Ex (x = A, C to E) Clock output/buzzer output 2222 [30-pin, 32-pin, 36-pin products] • 2.44 kHz, 4.88 kHz, 9.76 kHz, 1.25 MHz, 2.5 MHz, 5 MHz, 10 MHz (Main system clock: fMAIN = 20 MHz operation) [40-pin products] • 2.44 kHz, 4.88 kHz, 9.76 kHz, 1.25 MHz, 2.5 MHz, 5 MHz, 10 MHz (Main system clock: fMAIN = 20 MHz operation) • 256 Hz, 512 Hz, 1.024 kHz, 2.048 kHz, 4.096 kHz, 8.192 kHz, 16.384 kHz, 32.768 kHz (Subsystem clock: fSUB = 32.768 kHz operation) 8/10-bit resolution A/D converter 8 channels 8 channels 8 channels 9 channels Serial interface [30-pin, 32-pin products] • CSI: 1 channel/UART (UART supporting LIN-bus): 1 channel/simplified I2C: 1 channel • CSI: 1 channel/UART: 1 channel/simplified I2C: 1 channel • CSI: 1 channel/UART: 1 channel/simplified I2C: 1 channel [36-pin, 40-pin products] • CSI: 1 channel/UART (UART supporting LIN-bus): 1 channel/simplified I2C: 1 channel • CSI: 1 channel/UART: 1 channel/simplified I2C: 1 channel • CSI: 2 channels/UART: 1 channel/simplified I2C: 2 channels I2C bus 1 channel 1 channel 1 channel 1 channel Data transfer controller (DTC) 28 sources 29 sources Event link controller (ELC) Event input: 19 Event trigger output: 7 Event input: 20 Event trigger output: 7 Vectored interrupt sources Internal 24 24 24 24 External 666 7 Key interrupt ——— 4 Reset • Reset by RESET pin • Internal reset by watchdog timer • Internal reset by power-on-reset • Internal reset by voltage detector • Internal reset by illegal instruction execution Note • Internal reset by RAM parity error • Internal reset by illegal-memory access Power-on-reset circuit • Power-on-reset: 1.51 ±0.04 V (TA = −40 to +85°C) 1.51 ±0.06 V (TA = −40 to +105°C) • Power-down-reset: 1.50 ±0.04 V (TA = −40 to +85°C) 1.50 ±0.06 V (TA = −40 to +105°C) Voltage detector 1.63 V to 4.06 V (14 stages) On-chip debug function Provided Power supply voltage VDD = 1.6 to 5.5 V (TA = −40 to +85°C) VDD = 2.4 to 5.5 V (TA = −40 to +105°C) Operating ambient temperature TA = −40 to +85°C (A: Consumer applications, D: Industrial applications), TA = -40 to +105°C (G: Industrial applications) |