| データシートサーチシステム |
|
R5F104LEA データシート(PDF) 79 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104LEA データシート(HTML) 79 Page - Renesas Technology Corp |
|
79 / 213 page ![]() RL78/G14 2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85 °C) R01DS0053EJ0330 Rev. 3.30 Page 79 of 208 Aug 12, 2016 TCY vs VDD (LS (low-speed main) mode) TCY vs VDD (LV (low-voltage main) mode) 1.0 0.1 0 10 1.0 2.0 3.0 4.0 5.0 5.5 0.01 Supply voltage VDD [V] 1.8 6.0 0.125 During self-programming When high-speed system clock is selected When the high-speed on-chip oscillator clock is selected 1.0 0.1 0 10 1.0 2.0 3.0 4.0 5.0 0.01 Supply voltage VDD [V] 1.6 6.0 1.8 5.5 0.25 During self-programming When high-speed system clock is selected When the high-speed on-chip oscillator clock is selected |