| データシートサーチシステム |
|
LED171596ARSLR データシート(PDF) 56 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LED171596ARSLR データシート(HTML) 56 Page - Texas Instruments |
|
56 / 153 page ![]() 56 LED171596A SNVSAY2 – OCTOBER 2017 www.ti.com Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated 7 6 5 4 3 2 1 0 led26_cur R/W-CCh Table 66. LED26_CUR Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led26_cur R/W CCh LED26 driver linear current value 7.6.1.60 LED27_CUR Register (Address = 11Bh) [reset = CCh] LED27_CUR is shown in Figure 85 and described in Table 67. Return to Summary Table. Figure 85. LED27_CUR Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led27_cur R/W-CCh Table 67. LED27_CUR Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led27_cur R/W CCh LED27 driver linear current value 7.6.1.61 LED28_CUR Register (Address = 11Ch) [reset = CCh] LED28_CUR is shown in Figure 86 and described in Table 68. Return to Summary Table. Figure 86. LED28_CUR Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led28_cur R/W-CCh Table 68. LED28_CUR Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led28_cur R/W CCh LED28 driver linear current value 7.6.1.62 LED29_CUR Register (Address = 11Dh) [reset = CCh] LED29_CUR is shown in Figure 87 and described in Table 69. Return to Summary Table. |