| データシートサーチシステム |
|
LED171596ARSLR データシート(PDF) 62 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LED171596ARSLR データシート(HTML) 62 Page - Texas Instruments |
|
62 / 153 page ![]() 62 LED171596A SNVSAY2 – OCTOBER 2017 www.ti.com Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated 7.6.1.76 LED43_CUR Register (Address = 12Bh) [reset = CCh] LED43_CUR is shown in Figure 101 and described in Table 83. Return to Summary Table. Figure 101. LED43_CUR Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led43_cur R/W-CCh Table 83. LED43_CUR Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led43_cur R/W CCh LED43 driver linear current value 7.6.1.77 LED44_CUR Register (Address = 12Ch) [reset = CCh] LED44_CUR is shown in Figure 102 and described in Table 84. Return to Summary Table. Figure 102. LED44_CUR Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led44_cur R/W-CCh Table 84. LED44_CUR Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led44_cur R/W CCh LED44 driver linear current value 7.6.1.78 LED45_CUR Register (Address = 12Dh) [reset = CCh] LED45_CUR is shown in Figure 103 and described in Table 85. Return to Summary Table. Figure 103. LED45_CUR Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led45_cur R/W-CCh |