| データシートサーチシステム |
|
LED171596ARSLR データシート(PDF) 80 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LED171596ARSLR データシート(HTML) 80 Page - Texas Instruments |
|
80 / 153 page ![]() 80 LED171596A SNVSAY2 – OCTOBER 2017 www.ti.com Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated 7 6 5 4 3 2 1 0 led92_cur R/W-CCh Table 132. LED92_CUR Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led92_cur R/W CCh LED92 driver linear current value 7.6.1.126 LED93_CUR Register (Address = 15Dh) [reset = CCh] LED93_CUR is shown in Figure 151 and described in Table 133. Return to Summary Table. Figure 151. LED93_CUR Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led93_cur R/W-CCh Table 133. LED93_CUR Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led93_cur R/W CCh LED93 driver linear current value 7.6.1.127 LED94_CUR Register (Address = 15Eh) [reset = CCh] LED94_CUR is shown in Figure 152 and described in Table 134. Return to Summary Table. Figure 152. LED94_CUR Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led94_cur R/W-CCh Table 134. LED94_CUR Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led94_cur R/W CCh LED94 driver linear current value 7.6.1.128 LED95_CUR Register (Address = 15Fh) [reset = CCh] LED95_CUR is shown in Figure 153 and described in Table 135. Return to Summary Table. |