| データシートサーチシステム |
|
LED171596ARSLR データシート(PDF) 68 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LED171596ARSLR データシート(HTML) 68 Page - Texas Instruments |
|
68 / 153 page ![]() 68 LED171596A SNVSAY2 – OCTOBER 2017 www.ti.com Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated 7 6 5 4 3 2 1 0 led59_cur R/W-CCh Table 99. LED59_CUR Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led59_cur R/W CCh LED59 driver linear current value 7.6.1.93 LED60_CUR Register (Address = 13Ch) [reset = CCh] LED60_CUR is shown in Figure 118 and described in Table 100. Return to Summary Table. Figure 118. LED60_CUR Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led60_cur R/W-CCh Table 100. LED60_CUR Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led60_cur R/W CCh LED60 driver linear current value 7.6.1.94 LED61_CUR Register (Address = 13Dh) [reset = CCh] LED61_CUR is shown in Figure 119 and described in Table 101. Return to Summary Table. Figure 119. LED61_CUR Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led61_cur R/W-CCh Table 101. LED61_CUR Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led61_cur R/W CCh LED61 driver linear current value 7.6.1.95 LED62_CUR Register (Address = 13Eh) [reset = CCh] LED62_CUR is shown in Figure 120 and described in Table 102. Return to Summary Table. |