| データシートサーチシステム |
|
LED171596ARSLR データシート(PDF) 108 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LED171596ARSLR データシート(HTML) 108 Page - Texas Instruments |
|
108 / 153 page ![]() 108 LED171596A SNVSAY2 – OCTOBER 2017 www.ti.com Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated 7 6 5 4 3 2 1 0 led73_bri R/W-1FFh Table 209. LED73_BRI Register Field Descriptions Bit Field Type Reset Description 15-9 RESERVED R/W 0h 8-0 led73_bri R/W 1FFh PWM Brightness of LED73 7.6.1.203 LED74_BRI Register (Address = 1AAh) [reset = 1FFh] LED74_BRI is shown in Figure 228 and described in Table 210. Return to Summary Table. Figure 228. LED74_BRI Register 15 14 13 12 11 10 9 8 RESERVED led74_bri R/W-0h R/W-1FFh 7 6 5 4 3 2 1 0 led74_bri R/W-1FFh Table 210. LED74_BRI Register Field Descriptions Bit Field Type Reset Description 15-9 RESERVED R/W 0h 8-0 led74_bri R/W 1FFh PWM Brightness of LED74 7.6.1.204 LED75_BRI Register (Address = 1ABh) [reset = 1FFh] LED75_BRI is shown in Figure 229 and described in Table 211. Return to Summary Table. Figure 229. LED75_BRI Register 15 14 13 12 11 10 9 8 RESERVED led75_bri R/W-0h R/W-1FFh 7 6 5 4 3 2 1 0 led75_bri R/W-1FFh Table 211. LED75_BRI Register Field Descriptions Bit Field Type Reset Description 15-9 RESERVED R/W 0h 8-0 led75_bri R/W 1FFh PWM Brightness of LED75 7.6.1.205 LED76_BRI Register (Address = 1ACh) [reset = 1FFh] LED76_BRI is shown in Figure 230 and described in Table 212. Return to Summary Table. |