データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GL640USB データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 GL640USB
部品情報  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

GL640USB データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  GL640USB Datasheet HTML 1Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 2Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 3Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-3-
GL640USB, GL640USB-A
2. Description
The GL640USB is a low-cost, single-chip embedded controller designed for connecting an IEEE 1284 parallel port
peripheral to USB. It is suitable for applications where the IC is mounted on a PCB inside a product or stand-alone
applications where the chip resides in a cable connecting a standard parallel port device to an USB-capable computer.
The GL640USB firmware/driver will allow peripheral vendors to easily migrate parallel port device to USB.
3
3.. IEEE 1284 Interface
CLK12/48
3.3V output
EPP
DEVICE
ASIC
GL640USB
GPIO1-7
INIT#
WR#
WAIT#
ASTRB#
DSTRB#
AD[7:0]
INT#
CLKOUT
HRST
USB Port
D+
D-
VCP
OSCSEL
GPI1-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39