| データシートサーチシステム |
|
GL640USB データシート(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL640USB データシート(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 39 page ![]() Revision 1.1 Jun. 7, 1999 -5- GL640USB, GL640USB-A 5 5.. Pin Descriptions GL640USB Pin No. GL640USB-A Pin No. SYMBOL I/O DESCRIPTION 1 43 CLKOUT O Clock output to external device The clock frequency is selected by setting DEVCTL register. 2 45 HRST I High active hardware reset, internal pull low With internal power-on reset circuit, this pin can be left unconnected or pulled low. 3 47 WR# O This active low signal indicates the EPP write operation. 4 48 WAIT# I this signal acts as the acknowledge from external EPP device, internal pull up 5-8 1-4 D0-D3 I/O Address/Data bus bit 0 to bit 3 9 5 DVCC - Digital 5V input 10 6 DGND - Digital ground 11-14 7-10 D4-D7 I/O Address/Data bus bit 4 to bit 7 15 11 VCP - 3.3 V output. This output voltage is used to pull up D+ line to indicate the full-speed device. 16 12 D+ I/O USB differential data 17 13 D- I/O USB differential data 18 14 AVCC - Analog 5V input 19 16 AGND - Analog ground 20 17 GPI1 I General purpose input 1 21 20 GPI2 I General purpose input 2 22 21 GPI3 I General purpose input 3 23 22 X2 I/O Crystal output 24 24 X1 I 12/48 MHz crystal or external clock input 25 25 OSCSEL I Oscillator Select, internal pull down 0=12MHz 1=48MHz 26 26 GPI4 I General purpose input 4, internal pull up |