| データシートサーチシステム |
|
GL640USB データシート(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL640USB データシート(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 39 page ![]() Revision 1.1 Jun. 7, 1999 -7- GL640USB, GL640USB-A 6 6.. Block Diagram This USB controller contains 3 sets of FIFO. The ENDP0 FIFO is an 8-byte FIFO to store/transmit the endp0 control packet. The FIFO0 and FIFO1 are a set of 64-byte ping-pong FIFO for endp1 and endp2. FIFO0 is used for DATA0 packet and FIFO1 is for DATA1 packet. When they are served as the endp1 FIFO, the LINKFF bit of FFCFG should be set and LINKDIR bit of FFCFG should be cleared. It they are allocated as the endp1 FIFO, then LINKDIR should be set. An EPP engine is included to automatically accessing data to/from external device ASIC. Firmware can set the data length and hardware will count down to decide the last byte. There are two sets of registers : I/O register and USB register. The USB register is controlled by micro-controller to implement the USB endpoint 0 functions. The I/O register is the main register to interface the data accessing between this controller and external device. Micro Controller I/O Register USB Control USB SIE ENDP0 FIFO FIFO0 FIFO1 (64 bytes) (64 bytes) Register EPP Engine GL640USB |