| データシートサーチシステム |
|
GL640USB データシート(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL640USB データシート(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 39 page ![]() Revision 1.1 Jun. 7, 1999 -6- GL640USB, GL640USB-A 27 27 TEST# I Mode select, internal pull up 1=Normal Mode 0=Chip Test Mode 28 28 INT# I this is an input pin to accept the interrupt signal from external EPP controller, internal pull up 29 29 GPIO1 I/O this signal is served as an general purpose I/O pin, internal pull up 30 30 GPIO2 I/O this signal is served as an general purpose I/O pin, internal pull up 31 31 DVCC - Digital 5V input 32 32 DGND - Digital ground 33 33 GPIO3 I/O this signal is served as an general purpose I/O pin, internal pull up 34 34 GPIO4 I/O this signal is served as an general purpose I/O pin, internal pull down 35 35 GPIO5 I/O this signal is served as an general purpose I/O pin 36 36 GPIO6 I/O this signal is served as an general purpose I/O pin 37 37 GPIO7 I/O this signal is served as an general purpose I/O pin 38 38 INIT# O output signal to initialize the EPP device. 39 40 DSTRB# O EPP data strobe 40 41 ASTRB# O EPP address strobe |