データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC823450 データシート(PDF) 10 Page - ON Semiconductor

部品番号 LC823450
部品情報  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 データシート(HTML) 10 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 6Page - ON Semiconductor LC823450 Datasheet HTML 7Page - ON Semiconductor LC823450 Datasheet HTML 8Page - ON Semiconductor LC823450 Datasheet HTML 9Page - ON Semiconductor LC823450 Datasheet HTML 10Page - ON Semiconductor LC823450 Datasheet HTML 11Page - ON Semiconductor LC823450 Datasheet HTML 12Page - ON Semiconductor LC823450 Datasheet HTML 13Page - ON Semiconductor LC823450 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
LC823450
www.onsemi.com
10
Code Area (Cortex−M3)
Table 2. CODE AREA (CORTEX−M3) − UNREMAPPED (AFTER RESET)
Address
Master/Slave
Cortex−M3−0
Cortex−M3−1
DMAC
USB20HC
System
− Bus
I−Bus
D−Bus
System
− Bus
I−Bus
D−Bus
EHCI
OHCI
0x1C00
0000
Reserved
0x1A00
0000
External Memory 1
d
d
0x1800
0000
External Memory 0
d
d
0x0600
0000
Reserved
0x0500
0000
S−Flash I/F
(Memory, Cache)
d
d
0x0224
0000
Reserved
0x0220
0000
256 KB Internal
ROM
d
d
0x0219
E000
Reserved
0x0218
0000
120 KB Internal
SRAM
(seg 9)
d
d
0x0217
8000
32 KB Internal
SRAM
(seg 8)
d
d
0x0214
0000
224 KB Internal
SRAM
(seg 7)
d
d
0x0210
0000
256 KB Internal
SRAM
(seg 6)
d
d
0x020C
0000
256 KB Internal
SRAM
(seg 5)
d
d
0x020A
0000
128 KB Internal
SRAM
(seg 4)
d
d
0x0208
0000
128KB Internal
SRAM
(seg 3)
d
d
0x0204
0000
256 KB Internal
SRAM
(seg 2)
d
d
0x0202
0000
128 KB Internal
SRAM
(seg 1)
d
d
0x0200
0000
128 KB Internal
SRAM
(seg 0)
d
d
0x0004
0000
Reserved
0x0000
0000
256 KB Internal
ROM
Shadow Area
d
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More