| データシートサーチシステム |
|
LC823450 データシート(PDF) 12 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC823450 データシート(HTML) 12 Page - ON Semiconductor |
|
12 / 112 page ![]() LC823450 www.onsemi.com 12 Table 3. CODE AREA (CORTEX−M3) − REMAPPED (REMAP[1:0] = 2’B01) (continued) USB20HC DMAC Cortex−M3−1 Address Cortex−M3−0 Master/Slave OHCI EHCI DMAC D−Bus I−Bus System − Bus D−Bus I−Bus Address System − Bus Master/Slave 0x1A00 0000 External Memory 1 d d 0x1800 0000 External Memory 0 d d 0x0600 0000 Reserved 0x0500 0000 S−Flash I/F (Memory, Cache) d d 0x0224 0000 Reserved 0x0220 0000 256 KB Internal ROM d d 0x0219 E000 Reserved 0x0218 0000 120 KB Internal SRAM (seg 9) d d 0x0217 8000 32 KB Internal SRAM (seg 8) d d 0x0214 0000 224 KB Internal SRAM (seg 7) d d 0x0210 0000 256 KB Internal SRAM (seg 6) d d 0x020C 0000 256 KB Internal SRAM (seg 5) d d 0x020A 0000 128 KB Internal SRAM (seg 4) d d 0x0208 0000 128 KB Internal SRAM (seg 3) d d 0x0204 0000 256 KB Internal SRAM (seg 2) d d 0x0202 0000 128 KB Internal SRAM (seg 1) d d 0x0200 0000 128 KB Internal SRAM (seg 0) d d 0x0000 0000 External Memory 0 Shadow Area d d |