| データシートサーチシステム |
|
LC823450 データシート(PDF) 30 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC823450 データシート(HTML) 30 Page - ON Semiconductor |
|
30 / 112 page ![]() LC823450 www.onsemi.com 30 Table 11. BOOT MODE (continued) IPL Mode Explanation BMODE0 BMODE1 Partition Delete PD 470 k W PD 1 k W Internal ROM boot (Partition Area IPL2 delete – SD card I/F Ch0 + EXTINT2E + EXTINT2F) After deleting IPL2 by using this mode, IPL2 can be written again while eMMC Physical Boot mode. SPI All Erase PU 470 k W PU 1 k W Internal ROM boot(external Serial Flash SPI all area delete – S−Flash I/F + EXTINT2E + EXTINT2F + TIOCB01) Delete all content of Serial Flash. This mode should be used in case of SPI mode operation of Serial Flash SDCH0 All Erase PD 1 k W PD 1 k W Internal ROM boot(all area delete – SD card I/F Ch0 + EXTINT2E + EXTINT2F) Delete all content of eMMC including Partition area. Take a lot of time to delete. Trim also processed in case of eMMC supporting Trim function. QSPI All Erase PU 1 k W PD 1 k W Internal ROM boot(external Serial Flash QSPI all area delete – S−Flash I/F(QSPI) + EXTINT2E + EXTINT2F + TIOCB01) Delete all content of Serial Flash. This mode should be used in case of QSPI fetch mode operation of Serial Flash External ROM Boot PU 470 k W PD 470 k W External memory boot(External−0) Fetch from external memory(External0) connected to XMC(external memory controller) Hi−z PU 1 k W PU 1 k W External I/F ports below forced to Hi−z − EXA[20:1], EXD[15:0], NCS[1:0], NRD, NWRENWRL, NHBNWRH, NLBEXA0 − SDCLK0, SDCMD0, SDAT0[3:0] − CK1, SDI1(QIO0), SDO1(QIO1), SWP1(QIO2), SHOLD1(QIO3), TIOCB01 15. In case of TQFP128L, WLP154, don’t use external memory boot (External−0) |