| データシートサーチシステム |
|
LC823450 データシート(PDF) 13 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC823450 データシート(HTML) 13 Page - ON Semiconductor |
|
13 / 112 page ![]() LC823450 www.onsemi.com 13 SRAM Area (Cortex−M3) Table 4. SRAM AREA (CORTEX−M3) Address Master/Slave Cortex−M3−0 Cortex−M3−1 DMAC USB20HC System − Bus I−Bus D−Bus System − Bus I−Bus D−Bus EHCI OHCI 0x2600 0000 Reserved 0x2500 0000 S−Flash I/F (Memory, Cache) d d d 0x2400 0000 S−Flash I/F (Memory, No Cache) d d d 0x2019 E000 Reserved 0x2018 0000 120 KB Internal SRAM (seg 9) Shadow Area d d d 0x2017 8000 32 KB Internal SRAM (seg 8) Shadow Area d d d 0x2014 0000 224 KB Internal SRAM (seg 7) Shadow Area d d d 0x2010 0000 256 KB Internal SRAM (seg 6) Shadow Area d d d 0x200C 0000 256 KB Internal SRAM (seg 5) Shadow Area d d d 0x200A 0000 128 KB Internal SRAM (seg 4) Shadow Area d d d 0x2008 0000 128 KB Internal SRAM (seg 3) Shadow Area d d d 0x2004 0000 256 KB Internal SRAM (seg 2) Shadow Area d d d 0x2002 0000 128 KB Internal SRAM (seg 1) Shadow Area d d d 0x2000 0000 128 KB Internal SRAM (seg 0) Shadow Area d d d |