| データシートサーチシステム |
|
LC823450 データシート(PDF) 105 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC823450 データシート(HTML) 105 Page - ON Semiconductor |
|
105 / 112 page ![]() LC823450 www.onsemi.com 105 KeyInt RTC Mode (RTCMODE = 0) By the master command from Cortex−M3, internal sequencer of RTC controls BACKUPB signal for isolation and power off. KEYINT input or internal RTCINT signal can generate power on sequence. Power off sequence using BACKUPB is also available for activation of power off by external source. it is necessary to detect the drop of the voltage of VDDRTC power supply, and set VDET to Low. (The RTC operation stops). Figure 58. NOP PWRON (RTCINT − HiZ) Wait for Power ON Wait for KEYINT or Int ernal RTCINT PWROFF (RTCINT = L) ISOLATOR off ISOLATOR on INIT Wait for Xt al oscillat ion Release Cort ex−M3 Core0 reset Wait for RTC mast er command if RTCMASTER VDET Sequencer runs on XIN32K and makes st at e t ransit ion VDET RTCINT (PWRON) ISOLATOR control (Internal) S0 S1 S2 S3 S4 S5 S6 S7 S8 S0 S1 S2 S3 S4 S5 S5 XIN32K S6 S7 S8 S1 Any St at e XIN32K BACKUPB STATE (Internal) STATE (Internal) 32 kH clk to (Int ernal) ISOLATOR control (Internal 1: off 0: on) RESET to VDD1 Power Area (internal 1: release, 0: reset) RESET to VDD1 Power Area (internal 1: release, 0: reset) VDD1 Power Area 32 kH clk to VDD1 Power Area (Internal 1: off 0: on) VDD1 |