データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ICS9FG104 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ICS9FG104 Datasheet

  • # Example questions: ➢ How are the 'dif' (differential input filter) and 'pfd' (phase frequency detector) settings configured through the smbus interface, if at all, based on the provided documentation?
    ➢ What is the purpose of byte 14 and what are the consequences of writing to it?
    ➢ Describe how bytes 10, 11, and 12 are used to configure the pll vco frequency. what values within these bytes are significant?

  • Part No.ICS9FG104
    ManufacturerIDT
    Size246 Kbytes
    Pages17 pages
    DescriptionFrequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
    Datasheet Summary with AI

    Key Abbreviations:

    ️· RW: Read/Write
    ️· X: Don't care, value is not relevant.
    ️· PWD: Power Down (This column indicates if the bit's function changes or is irrelevant when the device is in power-down mode. It's primarily 0 or 1.)
    ️· SSP: Spread Spectrum

    ---

    1. Byte 0 (Not Provided - Assumed Latch-in or Byte 0 Rom Table)

    ️· Contains initial PLL configuration or values latched during power-up. VCO Frequency = 14.318 x [NDiv(9:0)+8] / [MDiv(5:0)+2]

    2. Byte 1 (Not Provided)

    3. Byte 3 (Not Provided)

    4. Byte 6 (Not Provided)

    5. Byte 7 (Not Provided)

    6. Byte 5 (Not Provided)

    7. Byte 2: PLL Frequency Control Register

    ️· Bit 7 (PLL N Div8): N Divider programming bit 8. Part of VCO frequency configuration.
    ️· Bit 6 (PLL N Div9): N Divider programming bit 9. Part of VCO frequency configuration.
    ️· Bit 5 (PLL M Div5): M Divider programming bit 5. Part of VCO frequency configuration.
    ️· Bit 4 - Bit 0 (PLL M Div4 - PLL M Div0): M Divider programming bits 4-0. Part of VCO frequency configuration.
    ️· *Function:* Controls the VCO frequency by programming the N and M dividers. Together with Byte 11. VCO Frequency = 14.318 x [NDiv(9:0)+8] / [MDiv(5:0)+2]

    8. Byte 10: PLL Frequency Control Register

    ️· Bit 7 (PLL N Div7): N Divider Programming byte11 bits(7:0) and Byte 10 bits(7:6). Part of VCO frequency configuration.
    ️· Bit 6 (PLL N Div6): N Divider programming bit 6. Part of VCO frequency configuration.
    ️· Bit 5 (PLL N Div5): N Divider programming bit 5. Part of VCO frequency configuration.
    ️· Bit 4 (PLL N Div4): N Divider programming bit 4. Part of VCO frequency configuration.
    ️· Bit 3 (PLL N Div3): N Divider programming bit 3. Part of VCO frequency configuration.
    ️· Bit 2 (PLL N Div2): N Divider programming bit 2. Part of VCO frequency configuration.
    ️· Bit 1 (PLL N Div1): N Divider programming bit 1. Part of VCO frequency configuration.
    ️· Bit 0 (PLL N Div0): N Divider programming bit 0. Part of VCO frequency configuration.
    ️· *Function:* Continues the VCO frequency configuration started in Byte 10. Together with Byte 11 and Byte 12.

    9. Byte 11: PLL Frequency Control Register

    ️· Bit 7 (PLL N Div7): N Divider Programming bit.
    ️· Bit 6 (PLL N Div6): N Divider programming bit.
    ️· Bit 5 (PLL N Div5): N Divider programming bit.
    ️· Bit 4 (PLL N Div4): N Divider programming bit.
    ️· Bit 3 (PLL N Div3): N Divider programming bit.
    ️· Bit 2 (PLL N Div2): N Divider programming bit.
    ️· Bit 1 (PLL N Div1): N Divider programming bit.
    ️· Bit 0 (PLL N Div0): N Divider programming bit.
    ️· *Function:* This, along with Bytes 10 & 12, completely configures VCO frequency.

    10. Byte 12: PLL Spread Spectrum Control Register

    ️· Bit 7 (PLL SSP7): Spread Spectrum programming bit.
    ️· Bit 6 (PLL SSP6): Spread Spectrum programming bit.
    ️· Bit 5 (PLL SSP5): Spread Spectrum programming bit.
    ️· Bit 1:0 (PLL SSP1:0): Spread Spectrum programming bits.
    ️· *Function:* Controls the spread percentage of the PLL. These bits, along with Bytes 13 & 14, configure the PLL.

    11. Byte 13: PLL Spread Spectrum Control Register

    ️· Bit 7 (Reserved): Not used.
    ️· Bit 6 (PLL SSP14): Spread Spectrum programming bit.
    ️· Bit 1:0 (PLL SSP1:0): Spread Spectrum programming bits.
    ️· *Function:* Configures the spread percentage of the PLL.

    12. Byte 14: Reserved Test Register

    ️· Important: *DO NOT WRITE* to this register. Writing to it can cause erratic device operation.

    13. Byte 9: PLL Frequency Control Register

    ️· Bit 7 (REFOUT_En): REFOUT Enable. Used to enable or disable REFOUT.

    14. Byte 15 (Not Provided)

    IMPORTANT NOTES:

    ️· Missing Bytes: Registers 2, 3, 8, 5, 15, and many others are not described. This is a *partial* listing. A full datasheet would be necessary for complete understanding.
    ️· Power-Down Mode: The `PWD` column indicates if the function of a particular bit changes when the device is in power-down mode. Carefully review this column when considering power-saving strategies.
    ️· PLL Configuration: Configuration of the PLL involves multiple registers (Bytes 10, 11, and 12). It's crucial to understand the interaction between these registers to achieve the desired VCO frequency.
    ️· Reserved Registers: The reserved test register (Byte 14) is *critical*. Do *not* attempt to write to it.
    ️· Datasheet: This is not a substitute for the official ICS9FG104 datasheet. Refer to the datasheet for complete details, timing information, and electrical specifications.

    Key Abbreviations:

    ️· RW: Read/Write
    ️· X: Don't care, value is not relevant.
    ️· PWD: Power Down (This column indicates if the bit's function changes or is irrelevant when the device is in power-down mode. It's primarily 0 or 1.)
    ️· SSP: Spread Spectrum

    ---

    1. Byte 0 (Not Provided - Assumed Latch-in or Byte 0 Rom Table)

    ️· Contains initial PLL configuration or values latched during power-up. VCO Frequency = 14.318 x [NDiv(9:0)+8] / [MDiv(5:0)+2]

    2. Byte 1 (Not Provided)

    3. Byte 3 (Not Provided)

    4. Byte 6 (Not Provided)

    5. Byte 7 (Not Provided)

    6. Byte 5 (Not Provided)

    7. Byte 2: PLL Frequency Control Register

    ️· Bit 7 (PLL N Div8): N Divider programming bit 8. Part of VCO frequency configuration.
    ️· Bit 6 (PLL N Div9): N Divider programming bit 9. Part of VCO frequency configuration.
    ️· Bit 5 (PLL M Div5): M Divider programming bit 5. Part of VCO frequency configuration.
    ️· Bit 4 - Bit 0 (PLL M Div4 - PLL M Div0): M Divider programming bits 4-0. Part of VCO frequency configuration.
    ️· *Function:* Controls the VCO frequency by programming the N and M dividers. Together with Byte 11. VCO Frequency = 14.318 x [NDiv(9:0)+8] / [MDiv(5:0)+2]

    8. Byte 10: PLL Frequency Control Register

    ️· Bit 7 (PLL N Div7): N Divider Programming byte11 bits(7:0) and Byte 10 bits(7:6). Part of VCO frequency configuration.
    ️· Bit 6 (PLL N Div6): N Divider programming bit 6. Part of VCO frequency configuration.
    ️· Bit 5 (PLL N Div5): N Divider programming bit 5. Part of VCO frequency configuration.
    ️· Bit 4 (PLL N Div4): N Divider programming bit 4. Part of VCO frequency configuration.
    ️· Bit 3 (PLL N Div3): N Divider programming bit 3. Part of VCO frequency configuration.
    ️· Bit 2 (PLL N Div2): N Divider programming bit 2. Part of VCO frequency configuration.
    ️· Bit 1 (PLL N Div1): N Divider programming bit 1. Part of VCO frequency configuration.
    ️· Bit 0 (PLL N Div0): N Divider programming bit 0. Part of VCO frequency configuration.
    ️· *Function:* Continues the VCO frequency configuration started in Byte 10. Together with Byte 11 and Byte 12.

    9. Byte 11: PLL Frequency Control Register

    ️· Bit 7 (PLL N Div7): N Divider Programming bit.
    ️· Bit 6 (PLL N Div6): N Divider programming bit.
    ️· Bit 5 (PLL N Div5): N Divider programming bit.
    ️· Bit 4 (PLL N Div4): N Divider programming bit.
    ️· Bit 3 (PLL N Div3): N Divider programming bit.
    ️· Bit 2 (PLL N Div2): N Divider programming bit.
    ️· Bit 1 (PLL N Div1): N Divider programming bit.
    ️· Bit 0 (PLL N Div0): N Divider programming bit.
    ️· *Function:* This, along with Bytes 10 & 12, completely configures VCO frequency.

    10. Byte 12: PLL Spread Spectrum Control Register

    ️· Bit 7 (PLL SSP7): Spread Spectrum programming bit.
    ️· Bit 6 (PLL SSP6): Spread Spectrum programming bit.
    ️· Bit 5 (PLL SSP5): Spread Spectrum programming bit.
    ️· Bit 1:0 (PLL SSP1:0): Spread Spectrum programming bits.
    ️· *Function:* Controls the spread percentage of the PLL. These bits, along with Bytes 13 & 14, configure the PLL.

    11. Byte 13: PLL Spread Spectrum Control Register

    ️· Bit 7 (Reserved): Not used.
    ️· Bit 6 (PLL SSP14): Spread Spectrum programming bit.
    ️· Bit 1:0 (PLL SSP1:0): Spread Spectrum programming bits.
    ️· *Function:* Configures the spread percentage of the PLL.

    12. Byte 14: Reserved Test Register

    ️· Important: *DO NOT WRITE* to this register. Writing to it can cause erratic device operation.

    13. Byte 9: PLL Frequency Control Register

    ️· Bit 7 (REFOUT_En): REFOUT Enable. Used to enable or disable REFOUT.

    14. Byte 15 (Not Provided)

    IMPORTANT NOTES:

    ️· Missing Bytes: Registers 2, 3, 8, 5, 15, and many others are not described. This is a *partial* listing. A full datasheet would be necessary for complete understanding.
    ️· Power-Down Mode: The `PWD` column indicates if the function of a particular bit changes when the device is in power-down mode. Carefully review this column when considering power-saving strategies.
    ️· PLL Configuration: Configuration of the PLL involves multiple registers (Bytes 10, 11, and 12). It's crucial to understand the interaction between these registers to achieve the desired VCO frequency.
    ️· Reserved Registers: The reserved test register (Byte 14) is *critical*. Do *not* attempt to write to it.
    ️· Datasheet: This is not a substitute for the official ICS9FG104 datasheet. Refer to the datasheet for complete details, timing information, and electrical specifications.

    Part No.ICS9FG104
    ManufacturerIDT
    Size246 Kbytes
    Pages17 pages
    DescriptionFrequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA