| データシートサーチシステム |
|
ST25DV64K データシート(PDF) 202 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV64K データシート(HTML) 202 Page - STMicroelectronics |
|
202 / 220 page ![]() I2C sequences ST25DV04K ST25DV16K ST25DV64K 202/220 DocID027603 Rev 4 B.3 I2C sequential writing and polling B.3.1 I2C sequential write in user memory and polling Table 234. Sequential write User memory when write operation allowed and all bytes belong to same area Request/Response Frame Comment Master drives SDA Slave drives SDA Start A6h - Device select for writing - ACK 9th bit ADDRESS_MSB - Send Address MSB (1 Byte) - ACK 9th bit ADDRESS_LSB - Send Address LSB (1 Byte) - ACK 9th bit DATA 0 - Send Data 0 - ACK 9th bit DATA 1 - Send Data 1 - ACK 9th bit ... - ... - ... ... DATA n - Send Data n n ≤ 256 - ACK 9th bit Stop - Start of Programming Table 235. Polling during programing after sequential write in User memory when write operation allowed and all bytes belong to same area. Request/Response Frame Comment Master drives SDA Slave drives SDA Start A6h - Device select for writing - NoACK 9th bit Device Busy Start A6h - Device select for writing - NoACK 9th bit Device Busy |