| データシートサーチシステム |
|
ST25DV64K データシート(PDF) 204 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV64K データシート(HTML) 204 Page - STMicroelectronics |
|
204 / 220 page ![]() I2C sequences ST25DV04K ST25DV16K ST25DV64K 204/220 DocID027603 Rev 4 B.3.2 I2C sequential write in mailbox and polling Table 237. Polling during programing after sequential write in User memory when write operation allowed and crossing over area border Request/Response Frame Comment Master drives SDA Slave drives SDA Start A6h - Device select for writing -ACK 9th bit Device ready No programming Stop - End of Polling Table 238. Sequential write in mailbox when mailbox is free from RF message and fast transfer mode is activated Request/Response Frame Comment Master drives SDA Slave drives SDA Start A6h - Device select for writing - ACK 9th bit ADDRESS_MSB - Send mailbox Address MSB (1 Byte) - ACK 9th bit ADDRESS_LSB - Send mailbox Address LSB (1 Byte) - ACK 9th bit DATA 0 - Send Data 0 - ACK 9th bit DATA 1 - Send Data 1 - ACK 9th bit ... - ... - ... ... DATA n - Send Data n n ≤ 256 - ACK 9th bit Stop - Immediate mailbox content update |