| データシートサーチシステム |
|
MLX90621 データシート(PDF) 32 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX90621 データシート(HTML) 32 Page - Melexis Microelectronic Systems |
|
32 / 44 page ![]() MLX90621 16x4 IR array Datasheet 39001090621 Page 32 of 44 Datasheet IR16x4 Rev 3.0 15 September 2016 Write configuration register command 9.4.3. Opcode – 0x03. This command is used to set the configuration register (16bits) value – all configuration settings. Each data byte is transmitted in two stages: - First stage Data byte - 0x55 - Second stage Data byte This way of transmitting the data is done in order to have a simple error check. The chip adds 0x55 to the first byte and compares the result with the second one. If both match the configuration register is updated. Figure 24: Configuration register update command structure Write trimming command 9.4.4. Opcode – 0x04. This command is used to set the oscillator trimming oscillator trimming value. This command is used to set the oscillator trimming register (16bits) value. Each data byte is transmitted in two stages: - First stage Data byte - 0xAA - Second stage Data byte This way of transmitting the data is done in order to have a simple error check. The chip adds 0xAA to the first byte and compares the result with the second one. If both match the oscillator trimming register is updated. Figure 25: Oscillator trimming register update command structure S T A R T A C K 0 Slave address Write trimming opcode A C K Trimming data check LSByte A C K Trimming data LSByte A C K S T O P A C K Trimming data MSByte Trimming data check MSByte A C K |