データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX90621 データシート(PDF) 17 Page - Melexis Microelectronic Systems

部品番号 MLX90621
部品情報  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 データシート(HTML) 17 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 21Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 17 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Calculation of To
7.3.3.
Following formula is used to calculate the temperature seen by specific pixel in the matrix:
Q(J,•)
x y€c(r,•)nefdb‚ƒ„`bi
…†o‡ˆ(r,•)∗(3E_‰v∗6UD.3M)V)h(r,•)4 /_v
v
0 273.15,8° =
Where: 9ŠL(J,•)_FQ(PO‹)z2OT istheparasiticfreeIRcompensatedsignalascalculatedin7.3.3.1
Œ•GŽ•(J,•) isthecompensatedsensitivitycoefficientforeachpixel
1•N isthecompensationfactorforthesensitivity–forBABandBAD,1•N 0, resultinginasimplified
formula
/_v ( / 4 273.15)N where / is the ambient temperature calculated in 7.3.2
S(J,•) 1 4 ∗
5Œ‘ ’“(,&)3 ∗9# (,&) ” •– •— 4 Œ‘ ’“(,&)4 ∗ 14
4
Calculating VIR(I,j)_COMPENSATED
7.3.3.1
1.
Offset compensation
9ŠL(J,•)eqq‰t˜no‡ˆtp‰™˜tš 9ŠL(J,•) 0› J(J,•) 4 J(J,•) ∗ ( / 0 /R)œ
Where: 9ŠL(J,•)isanindividualpixelIR_datareadout(RAMread)
J(J,•) is an individual pixel offset restored from the EEPROM using the following formula:
J(J,•)
z†o‡‡opV∆zr(r,•)∗6∆„r‰†™žt
6jmnopqrscts8u:v=
•GŽŽGH is the minimum offset value stored in the EEPROM at addresses 0xD0 and
0xD1 as 2’s complement value
∆ J isthedifferencebetweentheindividualoffsetandtheminimumvalue.Itisstoredin
the EEPROM as unsigned values.
∆ J‰†™žt isthescalingcoefficientforthe∆ J valuesandisstoredintheEEPROMat
address 0xD9[7:4] as an unsigned value
J(J,•) is an individual pixel offset slope coefficient
J(J,•)
*r(r,•)bbdcef
6Ÿr‰†™žt∗6jmnopqrscts8u:v=
J(J,•)bbdcef is the value stored in EEPROM as two’s complements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44