データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX90621 データシート(PDF) 20 Page - Melexis Microelectronic Systems

部品番号 MLX90621
部品情報  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 データシート(HTML) 20 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 24Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 20 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Example for To calculations
7.3.4.
Let’s assume that we have following EEPROM data for pixel i=2, j=8:
EEPROM
address
Cell name
Stored as
Cell values (hex)
0x22
∆ J
unsigned
0x21
0x62
J(J,•)
2’s complement
0xBC
0xA2
∆Œ(J,•)
unsigned
0xCD
0xC0
Ks_scale
unsigned
0x99
0xC4
1•N
2’s complement
0x9E
0xD0
•GŽŽGH[
2’s complement
0x8A
0xD1
•GŽŽGHZ
0xFF
0xD3
FP[
2’s complement
0x9D
0xD4
FPZ
0xFF
0xD5
FP
2’s complement
0xA2
0xD6
ŒFP[
unsigned
0xA8
0xD7
ŒFPZ
0x0F
0xD8
¡
2’s complement
0x18
0xD9
∆ J‰†™žt, J‰†™žt
unsigned
0x07
0xE0
ŒR[
unsigned
0xAE
0xE1
ŒRZ
0x4E
0xE2
ŒR‰†™žt
unsigned
0x26
0xE3
∆Œ••/°-
unsigned
0x1F
0xE4
¤.
unsigned
0x00
0xE5
¤:
0x80
0xE6
1 .
2’s complement
0x0C
0xE7
1 :
0x02
Table 9 EXAMPLE for To calibration values
Let’s assume that we have the following input data:
9ŠL(6,]) 0 01 7 439, decimal value
Sign check
439 X 32768 → 9ŠL(6,]) 439 LSB
9FP 0 — 65500, decimal value (compensation pixel readings)
Sign check
65500 @ 32767 → 9FP 65500 065536 036 LSB
/
≈ 36.18> (as calculated in 7.3.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44