| データシートサーチシステム |
|
MLX90621 データシート(PDF) 24 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX90621 データシート(HTML) 24 Page - Melexis Microelectronic Systems |
|
24 / 44 page ![]() MLX90621 16x4 IR array Datasheet 39001090621 Page 24 of 44 Datasheet IR16x4 Rev 3.0 15 September 2016 MLX90621 address map 8.2. The MLX90621 address map is shown below: Figure 16 Address map RAM 8.2.1. The on chip 146x16 RAM is accessible for reading via I 2C. The RAM is used for storing the results of measurements of pixels and Ta sensor and is distributes as follows: • 64 words for IR sensors. The data is in 2’s complement format (see 7.2.2) • 1 word for measurement result of PTAT sensor. The data is 16 bit without sign. (see 7.2.1) The memory map of the RAM is shown below: RAM Address RAM variable description 0x00 IR sensor (0,0) result 0x01 IR sensor (1,0) result 0x02 IR sensor (2,0) result 0x03 IR sensor (3,0) result 0x04 IR sensor (0,1) result 0x05 IR sensor (1,1) result … … 0x3B IR sensor (3,14) result 0x3C IR sensor (0,15) result 0x3D IR sensor (1,15) result 0x3E IR sensor (2,15) result 0x3F IR sensor (3,15) result 0X40 PTAT sensor result 0x41 Compensation pixel result Table 11: Result address map For IR sensors results, the addressing can be summarized: IR(x,y) is on address: y x address y x IR . 4 ) , ( + = RAM Configuration registers Not used 0x00 0x92 0x93 0x93 0xFF 0x41 Not used 0x42 0x91 |