データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX90621 データシート(PDF) 14 Page - Melexis Microelectronic Systems

部品番号 MLX90621
部品情報  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 データシート(HTML) 14 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 18Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 14 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Calculation
7.3.
Calculation of absolute chip temperature Ta (sensor temperature)
7.3.1.
The output signal of the IR sensors is relative to the cold junction temperature. That is why we need to know the
temperature of the die in order to be able to calculate the object temperature ‘seen’ by each pixel.
The Ta can be calculated using the formula:
/ 0123 4 5123
6
0 4126892:(25)0
_ =
2126
425,8>=
Constants
)
25
(
TH
V
,
1
T
K
and
2
T
K
are stored in EEPROM at following addresses as two’s complement values:
EEPROM address
Cell name
Stored as
Parameter
0xDA
VTH_L
2’s complement
VTH0 of absolute temperature sensor
0xDB
VTH_H
0xDC
KT1_L
2’s complement
KT1 of absolute temperature sensor
0xDD
KT1_H
0xDE
KT2_L
2’s complement
KT2 of absolute temperature sensor
0xDF
KT2_H
0xD2
KT_scale
unsigned
[7:4] – KT1_scale
[3:0] – KT2_scale
Table 5 EEPROM parameters for Ta calculations
92:(25) 256 ∗92:_: 4 92:_.
# 92:(25) @ 32767 → 92:(25) 92:(25) 0 65536
92:(25)
92:(25)
2DEFGHIJKL-K8M:N=
123 256 ∗ 123_: 4123_.
123 @ 32767 → 123 123 0 65536
123
123
2OOLPQ(RST68U:N= ∗ 2DEFGHIJKL-K8M:N=
126 256 ∗ 126_: 4126_.
126 @ 32767 → 126 126 0 65536
126
126
2OOLPQ(RST68D:R=V3R ∗ 2DEFGHIJKL-K8M:N=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44