データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25VQ64CSIG データシート(PDF) 59 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25VQ64CSIG
部品情報  2.5V Uniform Sector Dual and Quad Serial Flash
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VQ64CSIG データシート(HTML) 59 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VQ64CSIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ64CSIG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ64CSIG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ64CSIG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ64CSIG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ64CSIG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ64CSIG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ64CSIG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ64CSIG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
2.5V Uniform Sector
Dual and Quad Serial Flash
GD25VQ64C
59
10.5 Package WSON8 (6x5mm)
D
E
Top View
D2
E2
L
b
e
Bottom View
c
A1
A
Side View
PIN 1#
1
4
8
5
Dimensions
Symbol
A
A1
c
b
D
D2
E
E2
e
L
Unit
mm
Min
0.70
0.00
0.180
0.35
5.90
3.30
4.90
3.90
1.27
0.50
Nom
0.75
0.02
0.203
0.40
6.00
3.40
5.00
4.00
0.60
Max
0.80
0.05
0.250
0.50
6.10
3.50
5.10
4.10
0.75
Note:
1. Both the package length and width do not include the mold flash.
2. The exposed metal pad area on the bottom of the package is floating.
3. Coplanarity ≤0.08mm. Package edge tolerance≤0.10mm.
4. The lead shape may be of little difference according to different package lead frames. These lead
shapes are compatible with each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com